Part Number Hot Search : 
5916B 7805CT 71973 2SB532 AS7C3 SWFC4145 MAX6361 TT2206
Product Description
Full Text Search
 

To Download LM134H-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM134 Series Constant Current Source and Temperature Sensor
FEATURES
s s s s s s
DESCRIPTIO
1A to 10mA Operation 0.02%/V Regulation 0.8V to 40V Operating Voltage Can be Used as Linear Temperature Sensor Draws No Reverse Current Supplied in Standard Transistor Packages
The LM134 is a three-terminal current source designed to operate at current levels from 1A to 10mA, as set by an external resistor. The device operates as a true twoterminal current source, requiring no extra power connections or input signals. Regulation is typically 0.02%/V and terminal-to-terminal voltage can range from 800mV to 40V. Because the operating current is directly proportional to absolute temperature in degrees Kelvin, the device will also find wide applications as a temperature sensor. The temperature dependence of the operating current is 0.336%/C at room temperature. For example, a device operating at 298A will have a temperature coefficient of 1A/C. The temperature dependence is extremely accurate and repeatable. Devices specified as temperature sensors in the 100A to 1mA range are the LM134-3, LM234-3 and the LM134-6, LM234-6, with the dash numbers indicating 3C and 6C accuracies, respectively. If a zero temperature coefficient current source is required, this is easily achieved by adding a diode and a resistor.
APPLICATIO S
s s s s s s s
Current Mode Temperature Sensing Constant Current Source for Shunt References Cold Junction Compensation Constant-Gain Bias for Bipolar Differential Stage Micropower Bias Networks Buffer for Photoconductive Cell Current Limiter
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATIO
Remote Temperature Sensor with Voltage Output
500
Operating Current vs Temperature
225
VIN 5V
400
TEMPERATURE (K)
V+ R RSET 226 10mV/K R1 10k
TA01a
300
LM234-3 V -
200
100
0 0 100 300 400 200 OPERATING CURRENT (A)
U
125 RSET = 226 25
U
U
TEMPERATURE (C)
-75
-175
-275 500
TA01b
1
LM134 Series
ABSOLUTE
AXI U RATI GS (Note 1)
Power Dissipation .............................................. 200mW Operating Temperature Range LM134 (OBSOLETE) ................... -55C to 125C LM234-3/LM234-6 ............................-25C to 100C LM334 ..................................................... 0C to 70C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
V + to V - Forward Voltage LM134 ................................................................. 40V LM134-3/LM134-6/LM234-3/ LM234-6/LM334 ................................................. 30V + to V - Reverse Voltage ........................................ 20V V R Pin to V - Voltage.................................................... 5V Set Current ........................................................... 10mA
PACKAGE/ORDER I FOR ATIO
BOTTOM VIEW V+ V-
ORDER PART NUMBER CURRENT SOURCE LM134H LM334H TEMP SENSOR LM134H-3 LM234H-3 LM134H-6 LM234H-6
R
H PACKAGE 3-LEAD TO-46 METAL CAN TJMAX = 150C, JA = 440C/W, JA = 80C/W
OBSOLETE PACKAGE
Consider the S8 or Z Packages for Alternate Source
V- 1 R2 V+ 3 NC 4
8 NC 7 NC 6 NC 5 NC
S8 PACKAGE 8-LEAD PLASTIC SO TJMAX = 100C, JA = 180C/W
Consult LTC Marketing for availability of LM234Z-3 and LM234Z-6
2
U
U
W
WW U
W
BOTTOM VIEW V+ R V-
ORDER PART NUMBER CURRENT SOURCE LM334Z TEMP SENSOR LM234Z-3 LM234Z-6
Z PACKAGE 3-LEAD PLASTIC TO-92
TJMAX = 100C, JA = 160C/W
ORDER PART NUMBER LM334S8 S8 PART MARKING 334
LM134 Series
ELECTRICAL CHARACTERISTICS
CURRENT SOURCE (Note 2)
SYMBOL ISET PARAMETER Set Current Error, V+ = 2.5V (Note 3) Ratio of Set Current to V- Current VMIN Minimum Operating Voltage CONDITIONS 10A ISET 1mA 1mA < ISET 5mA 2A ISET < 10A 10A ISET 1mA 1mA ISET 5mA 2A ISET 10A 2A ISET 100A 100A < ISET 1mA 1mA < ISET 5mA 1.5V V+ 5V 2A ISET 1mA 5V V+ VMAX (Note 5) 1.5V V 5V 1mA < ISET 5mA 5V V VMAX (Note 5) Temperature Dependence of Set Current (Note 4) CS Effective Shunt Capacitance 25A ISET 1mA 0.96 15 14 18 14 18 0.8 0.9 1.0 0.02 0.01 0.03 0.02 1.04 0.96 15 0.05 0.03 MIN LM134 TYP MAX 3 5 8 23 23 14 18 14 18 0.8 0.9 1.0 0.02 0.01 0.03 0.02 1.04 pF 0.1 0.05 MIN LM334 TYP MAX 6 8 12 26 26 V V V %/V %/V %/V %/V UNITS % % %
ISET VIN
Average Change in Set Current with Input Voltage
TEMPERATURE SENSOR (Note 2)
SYMBOL ISET PARAMETER Set Current Error, V+ = 2.5V (Note 3) Equivalent Temperature Error Ratio of Set Current to V - Current VMIN ISET VIN Minimum Operating Voltage Average Change in Set Current with Input Voltage Temperature Dependence of Set Current (Note 4) Equivalent Slope Error CS Effective Shunt Capacitance 100A ISET 1mA 100A ISET 1mA 100A ISET 1mA 5V V+ 30V 100A ISET 1mA 0.98 2 15 1.5V V+ 5V 14 18 0.9 0.02 0.01 0.05 0.03 1.02 0.97 3 15 CONDITIONS 100A ISET 1mA Tj = 25C LM134-3,LM234-3 MIN TYP MAX 1 3 26 14 18 0.9 0.02 0.01 0.1 0.05 1.03 % pF LM134-6, LM234-6 MIN TYP MAX 2 6 26 V %/V %/V UNITS % C
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: Unless otherwise specified, tests are performed at Tj = 25C with pulse testing so that junction temperature does not change during test. Note 3: Set current is the current flowing into the V+ pin. It is determined by the following formula: ISET = 67.7mV/RSET (at 25C). Set current error
is expressed as a percent deviation from this amount. ISET increases at 0.336%/C at Tj = 25C. Note 4: ISET is nominally directly proportional to absolute temperature (K). ISET at any temperature can be calculated from: ISET = IO (T/TO) where IO is ISET measured at TO (K). Note 5: VMAX = 40V for LM134 and 30V for other grades.
3
LM134 Series TYPICAL PERFOR A CE CHARACTERISTICS
109
Output Impedance
10
I = 10A
IMPEDANCE ()
108 I = 100A
SLEW RATE (V/s)
0.1
ISET
107 I = 1mA
106 10 100 1k FREQUENCY (Hz) 10k
134 G01
Transient Response
2 1 0 -1
2s ISET = 1mA V + TO V - = 5V V = 0.4V tr, f = 500ns 10s ISET = 100A
CURRENT (pA/Hz)
VOLTAGE (mV)
ISET (%)
5 0 -5 10 0 -10 -20 50s
ISET = 10A
TIME (*NOTE SCALE CHANGES FOR EACH CURRENT LEVEL)
134 G04
Turn-On Voltage
10mA Tj = 25C RSET = 14 1mA RSET = 68
RATIO
18 17 16 15
TEMPERATURE (K)
ISET
100A
RSET = 680
10A RSET = 6.8k
1A 0.4
0.6
0.8
1.0
V+ TO V - VOLTAGE
134 G02
4
UW
1.2
Maximum Slew Rate for Linear Operation
10A
Start-Up
200s
1.0
0A
100A 0A
50s
0.01
1mA 0mA 5V
5s
0.001 1 10 100 ISET (A) 1000 10000
134 G02
INPUT
0V TIME (*NOTE SCALE CHANGES FOR EACH CURRENT LEVEL)
134 G03
Voltage Across RSET
86 82 78 74 70 66 62 58 54 50 46 -50
1 1k 10k
Current Noise
ISET = 5mA 100 ISET = 1mA ISET = 100A 10 ISET = 10A
-25
50 25 0 75 TEMPERATURE (C)
100
125
10
100
1k 10k FREQUENCY (Hz)
100k
134 G06
1314/15 G01
Ratio of ISET to V - Current
21 20 19 400 500
Operating Current vs Temperature
225 RSET = 226 125
TEMPERATURE (C)
300
25
200
-75
14 13 12 1.4 11 10A
100
-175
0 100A ISET
134 G08
1mA
10mA
0
100 300 400 200 OPERATING CURRENT (A)
-275 500
134 G09
LM134 Series
APPLICATIO S I FOR ATIO
Basic Theory of Operation
The equivalent circuit of the LM134 is shown in Figure 1. A reference voltage of 64mV is applied to the minus input of A1 with respect to the V - pin. A1 serves the drive to Q2 to keep the R pin at 64mV, independent of the value of RSET. Transistor Q1 is matched to Q2 at a 17:1 ratio so that the current flowing out of the V - pin is always 1/18 of the total current into the V+ pin. This total current is called ISET and is equal to:
64mV 18 67.7mV = RSET RSET 17
V+ ISET Q1 Q2
+
A1
R
- +
64mV RSET
-
V-
134 F01
Figure 1.
The 67.7mV equivalent reference voltage is directly proportional to absolute temperature in degrees Kelvin (see curve, "Operating Current vs Temperature"). This means that the reference voltage can be plotted as a straight line going from 0mV at absolute zero temperature to 67.7mV at 298K (25C). The slope of this line is 67.7mV/298 = 227V/C. The accuracy of the device is specified as a percent error at room temperature, or in the case of the -3 and -6 devices, as both a percent error and an equivalent temperature error. The LM134 operating current changes at a percent rate equal to (100)(227V/C)/(67.7mV) = 0.336%/ C at 25C, so each 1% operating current error is equivalent to 3C temperature error when the device is used as a temperature sensor. The slope accuracy (temperature coefficient) of the LM134 is expressed as a ratio compared to unity. The LM134-3, for instance, is specified at 0.98 to 1.02, indicating that the maximum slope error of
U
the device is 2% when the room temperature current is set to the exact desired value. Supply Voltage Slew Rate At slew rates above a given threshold (see curve), the LM134 may exhibit nonlinear current shifts. The slewing rate at which this occurs is directly proportional to ISET. At ISET = 10A, maximum dv/dt is 0.01V/s; at ISET = 1mA, the limits is 1V/s. Slew rates above the limit do not harm the LM134, or cause large currents to flow. Thermal Effects Internal heating can have a significant effect on current regulation for ISET greater than 100A. For example, each 1V increase across the LM134 at ISET = 1mA will increase junction temperature by 0.4C in still air. Output current (ISET) has a temperature coefficient of 0.33%/C, so the change in current due to temperature rise will be (0.4)(0.33) = 0.132%. This is a 10:1 degradation in regulation compared to true electrical effects. Thermal effects, therefore, must be taken into account when DC regulation is critical and ISET exceeds 100A. Heat sinking of the TO-46 package or the TO-92 leads can reduce this effect by more than 3:1. Shunt Capacitance In certain applications, the 15pF shunt capacitance of the LM134 may have to be reduced, either because of loading problems or because it limits the AC output impedance of the current source. This can be easily accomplished by buffering the LM134 with a FET, as shown in the applications. This can reduce capacitance to less than 3pF and improve regulation by at least an order of magnitude. DC characteristics (with the exception of minimum input voltage) are not affected. Noise Current noise generated by the LM134 is approximately 4 times the shot noise of a transistor. If the LM134 is used as an active load for a transistor amplifier, input referred noise will be increased by about 12dB. In many cases, this is acceptable and a single stage amplifier can be built with a voltage gain exceeding 2000.
W
U
U
5
LM134 Series
APPLICATIO S I FOR ATIO
Lead Resistance
The sense voltage which determines the operating current of the LM134 is less than 100mV. At this level, thermocouple or lead resistance effects should be minimized by locating the current setting resistor physically close to the device. Sockets should be avoided if possible. It takes only 0.7 contact resistance to reduce output current by 1% at the 1mA level. Start-Up Time The LM134 is designed to operate at currents as low as 1A. This requires that internal biasing current be well below that level because the device achieves its wide operating current range by using part of the operating current as bias current for the internal circuitry. To ensure start-up, however, a fixed trickle current must be provided internally. This is typically in the range of 20nA to 200nA and is provided by the special ultralow IDDS FETs shown in the Schematic Diagrams as Q7 and Q8. The start-up time of the LM134 is determined by the IDSS of these FETs and the capacitor C1. This capacitor must charge to approximately 500mV before Q3 turns on to start normal circuit operation. This takes as long as (500mV)(50pF)/(20nA) = 1.25ms for very low IDSS values. Using the LM134 as a Temperature Sensor Because it has a highly linear output characteristic, the LM134 makes a good temperature sensor. It is particularly useful in remote sensing applications because it is a current output device and is therefore not affected by long wire runs. It is easy to calibrate, has good long term stability and can be interfaced directly with most data acquisition systems, eliminating the expensive preamplifiers required for thermocouples and platinum sensors. A typical temperature sensor application is shown in Figure 2. The LM134 operating current at 25C is set at 298A by the 226 resistor, giving an output of 1A/K. The current flows through the twisted pair sensor leads to the 10k termination resistor, which converts the current output to a voltage of 10mV/K referred to ground. The
6
U
voltage across the 10k resistor will be 2.98V at 25C, with a slope of 10mV/C. The simplest way to convert this signal to a Centigrade scale is to subtract a constant 2.73V in software. Alternately, a hardware conversion can be used, as shown in Figure 3, using an LT1009 as a level shifter to offset the output to a Centigrade scale. The resistor (RSET) used to set the operating current of the LM134 in temperature sensing applications should have low temperature coefficient and good long term stability. A 30ppm/C drift in the resistor will change the slope of the temperature sensor by 1%, assuming that the resistor is at the same temperature as the sensor, which is usually the case since the resistor should be located physically close to the LM134 to prevent errors due to wire resistance. A long term shift of 0.3% in the resistor will create a 1C temperature error. The long term drift of the LM134 is typically much better than this, so stable resistors must be used for best long term performance. Calibration of the LM134 as a temperature sensor is extremely easy. Referring to Figure 2, calibration is achieved by trimming the termination resistor. This theoretically trims both zero and slope simultaneously for Centigrade and Fahrenheit applications. The initial errors in the LM134 are directly proportional to absolute temperature, just like the actual output. This allows the sensor to be trimmed at any temperature and have the slope error be corrected at the same time. Residual slope error is typically less than 1% after this single trim is completed.
VS 5V V+ LM234-3 R TO DATA ACQUISITION SYSTEM 10mV/K RSET 226 V- 9.53k I = 1A/K 1k CALIBRATE
134 F02
W
U
U
Figure 2 Kelvin Temperature Sensor
LM134 Series
APPLICATIO S I FOR ATIO
The two trims shown in Figure 3 are still intended to be a "one point" temperature calibration, where the zero and the slope are trimmed at a single temperature. The LT1009 reference is adjusted to give 2.700V at node "a" at TSENSOR = 25C. The 1k trimmer then adjusts the output for 0.25V, completing the calibration. If the calibration is to be done at a temperature other than 25C , trim the LT1009 for 2.7025--(1A)[TSENSOR (C)](100) at node "a", then adjust the 1k trimmer for proper output.
VS 4V V+ LM134-3 R OUTPUT 10mV/C RSET 226
9.53k 1% 1k SLOPE ADJ "a" 100 10k 10k ZERO ADJ
V-
LT1009
134 F03
-15V
Figure 3. Centigrade Temperature Sensor
TYPICAL APPLICATIO S
Basic 2-Terminal Current Source
VIN V+ ISET LM334 V- R RSET
Low Output Impedance Thermometer (Kelvin Output)
VIN 4.8V V+ R R3* 600 R1 230 1% R2 10k 1%
134 TA03
LM334 C1 0.1F
134 TA02
-VIN
*OUTPUT IMPEDANCE OF THE LM134 AT THE "R" PIN IS -RO APPROXIMATELY , WHERE RO IS THE EQUIVALENT 16 EXTERNAL RESISTANCE CONNECTED TO THE V - PIN. THIS NEGATIVE RESISTANCE CAN BE REDUCED BY A FACTOR OF 5 OR MORE BY INSERTING AN EQUIVALENT RESISTOR IN SERIES WITH THE OUTPUT.
U
If higher accuracy is required, a two point calibration technique can be used. In Figure 4, separate zero and slope trims are provided. Residual nonlinearity is now the limitation on accuracy. Nonlinearity of the LM134 in a 100C span is typically less than 0.5C. This particular method of trimming has the advantage that the slope trim does not interact with the zero trim. Trim procedure is to adjust for zero output with TSENSOR = 0C, then trim slope for proper output at some convenient second temperature. No further trimming is required.
V+ 5V V+ LM134-3 R 226* OUTPUT 10mV/C 50k *LOW TC, STABLE RESISTOR SLOPE TRIM 500k 332k 1% 15k LT1009 11k* 1% ZERO TRIM 10k V- -15V
134 F04
W
U
U
U
Figure 4. Centigrade Temperature Sensor with 2 Point Trim
Zero Temperature Coefficient Current Source
VIN V+ I+
VOUT = 10mV/K ZOUT 100
LM334 D1 1N457
R
V-
V- RSET R1* 10 RSET
-VIN
134 TA04
*SELECT RATIO OF R1 TO RSET TO OBTAIN ZERO DRIFT. I+ 2 ISET.
7
LM134 Series
TYPICAL APPLICATIO S
Higher Output Current
VIN 2N2905 R1*
2N4250
V+ R
C1*
C1 0.0022
LM334
V-
RSET
-VIN
TA05
*SELECT R1 AND C1 FOR OPTIMUM STABILITY
Micropower Bias
VIN
LM4250
1A V+ LM334 V-
TA08
RSET R 68k
-VIN
Alternate Trimming Technique
VIN V+ R RSET
LM334 R1*
V-
TA11
-VIN *FOR 10% ADJUSTMENT, SELECT RSET 10% HIGH AND MAKE R1 3RSET
8
U
Low Output Impedance Thermometer
VIN R1 15k R2 300
Low Input Voltage Reference Driver
VIN VREF + 200mV R1 1.5k C1 0.1 V+ LM334 Q1 2N4250 VOUT = VZ + 64mV AT 25C IOUT 3mA LT1009
V+ R VOUT = 10mV/K ZOUT 2 R3 100
+ VZ R-
LM334
V
-
V-
R2 120
R4 4.5k
TA06
TA07
1.2V Regulator with 1.8V Minimum Input
VIN 1.8V 100k
Zener Biasing
VIN
C1 0.001 2N4250 R1 33k VOUT = 1.2V IOUT 200A
V+ LM334 R RSET VOUT VZ
TA10
1N457** V+ LM134** V- R R1* 6k 1% R2* 680 1%
TA09
V-
*SELECT RATIO OF R1 TO R2 FOR ZERO TEMPERATURE DRIFT **LM134 AND DIODE SHOULD BE ISOTHERMAL
Buffer for Photoconductive Cell
High Precision Low TC Current Source +
V+ LM334 R ISET 50A
V+ LM334 1.5V V-
TA12
R
V- R1 6.8k
LT1004-1.2 (1.235V)
R2*
TA13
-
*ISET = 1.37V + 10A R2 ISET TC = 0.016%/C + 33nA/C REGULATION 0.001%/V
LM134 Series
TYPICAL APPLICATIO S
Precision 10nA Current Source
15V V+ LM134 V- R2 226k R3 1M R4 100M IO R R1 2.7k
LT1004-1.2 15V 2
- +
4
7 LT1008 6 8 200pF BUFFERED VOLTAGE OUTPUT
3
IO = 10nA -15V ZO 1012 COMPLIANCE = -14V TO 12.5V
SCHE ATIC DIAGRA
W
U
Micropower 5V Reference
VIN = 6.5V TO 15V R 5.6k 3
LM334
+ -
4
7 LM4250 6 8 22M 150pF 3.01M 1% VOUT = 5V
2 LT1004-1.2 (1.235V) 1M 1%
TA15
TA14
FET Cascoding for Low Capacitance and/or Ultrahigh Output Impedance
VIN ISET Q1* V+ VIN V+
LM334 R
LM334 R RSET V- Q2* ISET
RSET
V-
-VIN
-VIN
TA16
*SELECT Q1 OR Q2 TO ENSURE AT LEAST 1V ACROSS THE LM134. VP (1 - ISET/IDSS) 1.2V.
W
V+
Q7 Q4 Q5
Q8 Q6
Q3 Q2 C1 50pF Q1
134 SD
R V-
9
LM134 Series
PACKAGE DESCRIPTIO
0.209 - 0.219 (5.309 - 5.537) 0.178 - 0.195 (4.521 - 4.953) 0.500 (12.700) MIN *
REFERENCE PLANE
0.016 - 0.021** (0.406 - 0.533) DIA
0.060 0.005 (1.524 0.127) DIA
0.180 0.005 (4.572 0.127)
0.500 (12.70) MIN
0.050 (1.27) BSC
10 NOM
10
U
H Package 2-Lead and 3-Lead TO-46 Metal Can
(Reference LTC DWG # 05-08-1340)
0.050 (1.270) TYP 0.100 (2.540) TYP PIN 1 FOR 3-LEAD PACKAGE ONLY 45 0.025 (0.635) MAX 0.036 - 0.046 (0.914 - 1.168) 0.028 - 0.048 (0.711 - 1.219)
H02/03(TO-46) 1098
0.085 - 0.105 (2.159 - 2.667)
0.050 (1.270) TYP
*LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE AND 0.045" BELOW THE REFERENCE PLANE 0.016 - 0.024 **FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS (0.406 - 0.610)
OBSOLETE PACKAGE
Z Package 3-Lead Plastic TO-92 (Similar to TO-226)
(Reference LTC DWG # 05-08-1410)
0.180 0.005 (4.572 0.127)
0.90 (2.286) NOM
0.050 UNCONTROLLED (1.270) LEAD DIMENSION MAX
5 NOM
0.016 0.003 (0.406 0.076)
0.015 0.002 (0.381 0.051) 0.098 +016/-0.04 (2.5 +0.4/-0.1) 2 PLCS
Z3 (TO-92) 0401
0.060 0.010 (1.524 0.254)
0.140 0.010 (3.556 0.127)
TO-92 TAPE AND REEL REFER TO TAPE AND REEL SECTION OF LTC DATA BOOK FOR ADDITIONAL INFORMATION
LM134 Series
PACKAGE DESCRIPTIO
0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0- 8 TYP
0.014 - 0.019 (0.355 - 0.483) TYP *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.016 - 0.050 (0.406 - 1.270)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
S8 Package 8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
0.189 - 0.197* (4.801 - 5.004) 8 7 6 5 0.228 - 0.244 (5.791 - 6.197) 0.150 - 0.157** (3.810 - 3.988)
SO8 1298
1
2
3
4
0.053 - 0.069 (1.346 - 1.752)
0.004 - 0.010 (0.101 - 0.254)
0.050 (1.270) BSC
11
LM134 Series
TYPICAL APPLICATIO S
In-Line Current Limiter
RSET R VIN V+ V- C1* LM334
OP AMP
*USE MINIMUM VALUE REQUIRED TO ENSURE STABILITY OF PROTECTED DEVICE. THIS MINIMIZES INRUSH CURRENT TO A DIRECT SHORT.
12
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507
q
U
Generating Negative Output Impedance
VIN
V+ R
R1*
LM334
V-
RSET
TA17
-VIN
TA18
*ZOUT -16 * R1(R1/VIN MUST NOT EXCEED ISET).
Ground Referred Fahrenheit Thermometer
VIN 3V R4 56k C1 0.01 V+ R 2N4250 VOUT = 10mV/F 10F T 250F R1 8.25k 1% R3* R2 100 1% LT1009 2.5V*
TA19
VIN R5**
LM334
V-
*SELECT R3 = VREF/583A **SELECT FOR 1.2mA
134sc LT/CP 1001 1.5K REV C * PRINTED IN USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 1991


▲Up To Search▲   

 
Price & Availability of LM134H-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X